Part Number Hot Search : 
PSP4801 60PVL1 SP600212 8P05S UT54A LA6529M CXA2581 56HFA
Product Description
Full Text Search
 

To Download ST1353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST1331, ST1333 ST1353
6-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
DATA BRIEFING
s s
s s s
s s s s s
5 V Single Supply Voltage Counting Capability (two options) - up to 32767 (85 -1) - 8 times reloadable, up to 4095 (84-1) Active Authentication Function (ST1333/1353) Cipher Block Chaining Function (ST1353) Memory Divided into : - 16 bits of Circuit Identification - 48 bits of Card Identification - 40 bits of Count Data - 16 bits for Validation Certificate - 24 bits of Transport Code - 64 bits of Issuer Data (ST1331) or Authentication Secret Key (ST1333/1353) - 32 bits of Anti-tearing Flags (optional) - 56 bits of User data (optionally not erasable) 1 Million Erase/Write Cycle (minimum) 10 Year Data Retention (minimum) 3.5 ms Programming Time at 5 V (typical) 500 A Supply Current at 5 V (typical) 250 A Stand-by Current at 5 V (typical)
1
Micromodule (D10)
1 1
1
Wafer
DESCRIPTION The members of the ST1331/1333/1353 family are principally designed for use in prepaid Phonecard applications. Each is a 272-bit EEPROM device, with associated security logic and special fuses to control memory access. The memory is arranged as a matrix of 34 x 8 cells, accessed in a serial bitwise fashion for reading and programming, and in Table 1. Signal Names
CLK RST Function code B I/O VCC GND Data Input / Output Supply Voltage Clock
Figure 1. Logic Diagram
VCC
RST
B
ST1331 ST1333 ST1353
I/O
CLK
GND
Ground
AI03105b
October 1999
Complete data available under NDA.
1/3
ST1331, ST1333, ST1353
Figure 2. Memory Map
16 masked bits
Circuit Identification Area Card Identification Area (ID)
0 16 Physical EEPROM Cells 32 bits
RAM1 (Write-Only) (RN) (ST1333, ST1353)
0
32
48 bits
Data Area (CD) 40 bits 8 bits 16 bits (Counters and Transport Code) Reserved Area (RA) Certificate (CER) Issuer-Defined Area (ST1331) 64 bits Authentication Secret Key (SK) (ST1333, ST1353)
64
104 112 128
Physical EEPROM Cells
192
Reserved Area (RA) 256 260 264 288 Physical EEPROM Cells 32 bits Anti-Tearing Flags 320
4 bits 4 bits 24 bits
Signature Fuses Unused
56 bits
User-Defined Area
376
AI03384
Note: 1. The write-only RAM area (RN) is applicable only for the User Configuration.
a byte-wise fashion for internal erasing. An on-chip address counter provides an internal address space of up to 512 bits. Each member of the ST1331/1333/1353 family has an identification data area, unit-counters (with an anti-tearing mechanism for reliable usage in open readers), a post validation certificate, an
issuer area (ST1331) or an authentication secret key area (ST1333/1353), and a user area. This is summarized in Figure 2. The validation certificate allows the recognition of the device by the appropriate security module. The anti-tearing mechanism guards against extra, spurious count signals being executed when the
2/3
ST1331, ST1333, ST1353
card is unexpectedly extracted, while an operation is underway, in an open reader. OPTIONS Three options can be chosen on ordering the device: - The anti-tearing mechanism can be disconnected. In this case, the anti-tearing flag area from bit 288d to bit 319d is unused (Figure 2). - The user area, from bit 320d to bit 375d, can be defined as "not erasable" in the User Configuration. - The reload mechanism can be activated. In this case, erasing a bit in the reload counter refreshes the certificate (CER). At this time, the certificate can be programmed with a new value. ORDERING INFORMATION The notation used for the device number is as shown in Table 2. For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST Sales Office.
EXTERNAL COMMANDS The device uses six contacts: VCC, GND, I/O, CLK, RST, B. Four commands distinct can be composed using these external pins: - RESET: to reset the internal address register to 000d - READ: to increment the internal address register and read the data bit at the new address - COMPARE: to allow comparison of the presented code against the internal transport code - PROGRAM: to program the bit at the current address CONFIGURATIONS The device works in two distinct configurations: - Issuer Configuration: for the card manufacturer. Customized data can be written to the chip, to initialize it before release to the end user. - User Configuration: for use by the end user of the card, but with restricted access.
Table 2. Ordering Information Scheme
Example: ST1333 - C W4 / XX YY
Product 31 33 53 Issuer Area Active Authentication Function Cipher Block Chaining Authentication Function
Transport Code Given by ST
Customer Code Given by the Issuer
Fuse Blow Voltage B C 6 V1 5 V1 D10 W4 W2
Note: 1. Please contact your nearest ST Sales Office to check on availability
Delivery Form Micromodule on reel Wafer (180 m thickness) Wafer (280 m thickness)
3/3


▲Up To Search▲   

 
Price & Availability of ST1353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X